Part Number Hot Search : 
SB20150 RTR025N PWR1106C CXB1572Q SD540YS HD74ACT 01M150E 54HC74
Product Description
Full Text Search
 

To Download AT25F4096 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? serial peripheral interface (spi) compatible  supports spi modes 0 (0,0) and 3 (1,1) ? datasheet describes mode 0 operation  20 mhz clock rate  byte mode and 256-byte page mode for program operations  sector architecture: ? eight sectors with 64k bytes each (4m) ? 256 pages per sector  product identification mode  low-voltage operation ? 2.7 (v cc = 2.7v to 3.6v)  sector write protection ? protect 1/8, 1/4, 1/2 or entire array  write protect ( wp ) pin and write disable instructions for both hardware and software data protection  self-timed program cycle (30 s/byte typical)  self-timed sector erase cycle (1 second/sector typical)  single cycle reprogramming (erase and program) for status register  high reliability ? endurance: 10,000 write cycles typical  8-lead eiaj soic and 8-lead small array package (sap) description the AT25F4096 provides 4,194,304 bits of serial reprogrammable flash memory organized as 524,288 words of 8 bits each. t he device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. the AT25F4096 is available in a space-saving 8-lead eiaj soic and 8- lead sap packages. table 1. pin configuration pin name function cs chip select sck serial data clock si serial data input so serial data output gnd ground vcc power supply wp write protect hold suspends serial input spi serial memory 4m (524,288 x 8) AT25F4096 advance information 2454d?sflsh?1/05 8-lead eiaj soic 1 2 3 4 8 7 6 5 cs so wp gnd vcc hold sck si 8-lead sap 1 2 3 4 8 7 6 5 vcc hold sck si cs so wp gnd ___ ___ _____ bottom view
2 AT25F4096 [advance information] 2454d?sflsh?1/05 the AT25F4096 is enabled through the chip select pin (cs ) and accessed via a 3-wire interface consisting of serial data input (si), serial data output (so), and serial clock (sck). all write cycles are completely self-timed. block write protection for top 1/8, top 1/4, top 1/2 or the entire memory array is enabled by programming the status register. separate write enable and write disable instructions are provided for additional data protection. hardware data protection is pro- vided via the wp pin to protect against inadvertent write attempts to the status register. the hold pin may be used to suspend any serial communication without resetting the serial sequence. figure 1. block diagram absolute maximum ratings* operating temperature....................................?40 c to +85 c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature .....................................?65 c to +150 c voltage on any pin with respect to ground .................................... ?1.0v to +5.0v maximum operating voltage ............................................ 4.2v dc output current........................................................ 5.0 ma 524,288 x 8
3 AT25F4096 [advance information] 2454d?sflsh?1/05 note: 1. this parameter is characterized and is not 100% tested. note: 1. v il and v ih max are reference only and are not tested. table 2. pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +3.6v (unless otherwise noted). symbol test conditions max units conditions c out output capacitance (so) 8 pf v out = 0v c in input capacitance ( cs , sck, si, wp , hold ) 6 pf v in = 0v table 3. dc characteristics (preliminary ? subject to change) applicable over recommended operating range from: t ai = ? 40 c to +85 c, v cc = +2.7v to +3.6v, t ac = 0 c to +70 c, v cc = +2.7v to +3.6v (unless otherwise noted). symbol parameter test condition min typ max units v cc supply voltage 2.7 3.6 v i cc1 supply current v cc = 3.6v at 20 mhz, so = open read 10.0 15.0 ma i cc2 supply current v cc = 3.6v at 20 mhz, so = open write 15.0 30.0 ma i sb standby current v cc = 2.7v, cs = v cc 2.0 10.0 a i il input leakage v in = 0v to v cc -3.0 3.0 a i ol output leakage v in = 0v to v cc , t ac = 0 c to 70 c -3.0 3.0 a v il (1) input low voltage -0.6 v cc x 0.3 v v ih (1) input high voltage v cc x 0.7 v cc + 0.5 v v ol output low voltage 2.7v v cc 3.6v i ol = 0.15 ma 0.2 v v oh output high voltage i oh = -100 a v cc - 0.2 v
4 AT25F4096 [advance information] 2454d?sflsh?1/05 notes: 1. the programming time for n bytes will be equal to n x t bpc . 2. this parameter is characterized at 3.0v, 25 c and is not 100% tested. 3. one write cycle consists of erasing a sector, followed by programming the same sector. table 4. ac characteristics (preliminary ? subject to change) applicable over recommended operating range from t a = ? 40 c to +85 c, v cc = +2.7v to +3.6v c l = 1 ttl gate and 30 pf (unless otherwise noted). symbol parameter min typ max units f sck sck clock frequency 0 20 mhz t ri input rise time 20 ns t fi input fall time 20 ns t wh sck high time 20 ns t wl sck low time 20 ns t cs cs high time 25 ns t css cs setup time 25 ns t csh cs hold time 25 ns t su data in setup time 5 ns t h data in hold time 5 ns t hd hold setup time 15 ns t cd hold hold time 15 ns t v output valid 20 ns t ho output hold time 0 ns t lz hold to output low z 200 ns t hz hold to output high z 200 ns t dis output disable time 100 ns t ec erase cycle time per sector 1.1 s t sr status register write cycle time 60 ms t bpc byte program cycle time (1) 30 50 s endurance (2) 10k write cycles (3)
5 AT25F4096 [advance information] 2454d?sflsh?1/05 serial interface description master: the device that generates the serial clock. slave: because the serial clock pin (sck) is always an input, the AT25F4096 always operates as a slave. transmitter/receiver: the AT25F4096 has separate pins designated for data transmission (so) and reception (si). msb: the most significant bit (msb) is the first bit transmitted and received. serial op-code: after the device is selected with cs going low, the first byte will be received. this byte contains the op-code that defines the operations to be performed. invalid op-code: if an invalid op-code is received, no data will be shifted into the AT25F4096, and the serial output pin (so) will remain in a high impedance state until the falling edge of cs is detected again. this will reinitialize the serial communication. chip select: the AT25F4096 is selected when the cs pin is low. when the device is not selected, data will not be accepted via the si pin, and the serial output pin (so) will remain in a high impedance state. hold: the hold pin is used in conjunction with the cs pin to select the AT25F4096. when the device is selected and a serial sequence is underway, hold can be used to pause the serial communication with the master device without resetting the serial sequence. to pause, the hold pin must be brought low while the sck pin is low. to resume serial communication, the hold pin is brought high while the sck pin is low (sck may still toggle during hold ). inputs to the si pin will be ignored while the so pin is in the high impedance state. write protect: the 25f4096 has a write lockout feature that can be activated by asserting the write protect pin (wp ). when the lockout feature is activated, locked-out sectors will be read only. the write protect pin will allow normal read/write operations when held high. when the wp is brought low and wpen bit is ?1?, all write operations to the status register are inhibited. wp going low while cs is still low will interrupt a write to the status register. if the internal status re gister write cycle has already been initiated, wp going low will have no effect on any write operation to the status register. the wp pin function is blocked when the wpen bit in the status register is ?0?. this will allow the user to install the AT25F4096 in a system with the wp pin tied to ground and still be able to write to the status register. all wp pin functions are enabled when the wpen bit is set to ?1?.
6 AT25F4096 [advance information] 2454d?sflsh?1/05 figure 2. spi serial interface master: microcontroller slave: AT25F4096 data out (mosi) data in (miso) serial clock (spi ck) ss0 ss1 ss2 ss3 si so sck cs si so sck cs si so sck cs si so sck cs
7 AT25F4096 [advance information] 2454d?sflsh?1/05 functional description the AT25F4096 is designed to interface directly with the synchronous serial peripheral interface (spi) of the 6800 type series of microcontrollers. the AT25F4096 utilizes an 8-bit instruction register. the list of instructions and their operation codes are contained in table 5. all instructions, addresses, and data are transferred with the msb first and start with a high-to-low transition. write is defined as program and/or erase in this specification. the following commands, program, sector erase, chip erase, and wrsr are write instructions for AT25F4096. write enable (wren): the device will power up in the write disable state when v cc is applied. all write instructions must therefore be preceded by the wren instruction. write disable (wrdi): to protect the device against inadvertent writes, the wrdi instruction disables all write commands. the wrdi instruction is independent of the sta- tus of the wp pin. read status register (rdsr): the rdsr instruction provides access to the sta- tus register. the ready/busy and write enable status of the device can be determined by the rdsr instruction. similarly, the block write protection bits indicate the extent of protection employed. these bits are set by using the wrsr instruction. during internal write cycles, all other commands will be ignored except the rdsr instruction. table 5. instruction set for the AT25F4096 instruction name instruction format operation wren 0000 x110 set write enable latch wrdi 0000 x100 reset write enable latch rdsr 0000 x101 read status register wrsr 0000 x001 write status register read 0000 x011 read data from memory array program 0000 x010 program data into memory array sector erase 0101 x010 erase one sector in memory array chip erase 0110 x010 erase all sectors in memory array rdid 0001 x101 read manufacturer and product id table 6. status register format bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 wpen x x bp2 bp1 bp0 wen rdy
8 AT25F4096 [advance information] 2454d?sflsh?1/05 read product id (rdid): the rdid instruction allows the user to read the manufac- turer and product id of the device. the first byte after the instruction will be the manufacturer code (1fh = atmel), followed by the device code 64h. write status register (wrsr): the wrsr instruction allows the user to select one of five levels of protection for the AT25F4096. the AT25F4096 is divided into eight sectors where the top 1/8, top quarter (1/4), top half (1/2), or all of the memory sectors can be protected (locked out) from write. any of the locked-out sectors will therefore be read only. the locked-out sector and the corresponding status register control bits are shown in table 8 on page 8. the four bits, bp0, bp1, bp2 and wpen, are nonvolatile cells that have the same prop- erties and functions as the regular memory cells (e.g., wren, t wc , rdsr). note: 1. x = don?t care the wrsr instruction also allows the user to enable or disable the write protect (wp ) pin through the use of the write protect enable (wpen) bit. hardware write protection is enabled when the wp pin is low and the wpen bit is ?1?. hardware write protection is disabled when either the wp pin is high or the wpen bit is ?0.? when the device is hard- ware write protected, writes to the status register, including the block protect bits and the wpen bit, and the locked-out sectors in the memory array are disabled. write is only allowed to sectors of the memory which are not locked out. the wrsr instruction is self-timed to automatically erase and pr ogram bp0, bp1, bp2 and wpen bits. in table 7. read status register bit definition bit definition bit 0 ( rdy ) bit 0 = 0 ( rdy ) indicates the device is ready. bit 0 = 1 indicates the write cycle is in progress. bit 1 (wen) bit 1 = 0 indicates the device is not write enabled. bit 1 = 1 indicates the device is write enabled. bit 2 (bp0) see table 8. bit 3 (bp1) see table 8. bit 4 (bp2) see table 8. bits 5-6 are 0s when device is not in an internal write cycle. bit 7 (wpen) see table 9. bits 0-7 are 1s during an internal write cycle. table 8. block write protect bits level status register bits AT25F4096 bp2 bp1 bp0 array addresses locked out locked-out sector(s) 0(none) 0 0 0 none none 1(1/8) 0 0 1 070000 - 07ffff sector 8 2(1/4) 0 1 0 060000 - 07ffff sector 7, 8 3(1/2) 0 1 1 040000 - 07ffff sector 5, 6, 7, 8 4(all) 1 x x 000000 - 07ffff all sectors (1 - 8)
9 AT25F4096 [advance information] 2454d?sflsh?1/05 order to write the status register, the device must first be write enabled via the wren instruction. then, the instruction and data for the four bits are entered. during the inter- nal write cycle, all instructions will be ignored except rdsr instructions. the AT25F4096 will automatically return to writ e disable state at the completion of the wrsr cycle. note: when the wpen bit is hardware write protected, it cannot be changed back to ?0?, as long as the wp pin is held low. read (read): reading the AT25F4096 via the so (serial output) pin requires the fol- lowing sequence. after the cs line is pulled low to select a device, the read instruction is transmitted via the si line followed by the byte address to be read (refer to table 10). upon completion, any data on the si line will be ignored. the data (d7-d0) at the speci- fied address is then shifted out onto the so line. if only one byte is to be read, the cs line should be driven high after the data comes out. the read instruction can be contin- ued since the byte address is automatically incremented and data will continue to be shifted out of the AT25F4096 until the highest address is reached, the address counter will roll over to the lowest address allowing the entire memory to be read in one continu- ous read instruction. program (program): in order to program the AT25F4096, two separate instruc- tions must be executed. first, the device must be write enabled via the wren instruction. then the program instruction can be executed. also, the address of the memory location(s) to be programmed must be outside the protected address field loca- tion selected by the block write protection level. during an internal self-timed programming cycle, all commands will be ignored except the rdsr instruction. the program instruction requires the following sequence. after the cs line is pulled low to select the device, the program instruction is transmitted via the si line followed by the byte address and the data (d7-d0) to be programmed (refer to table 6). pro- gramming will start after the cs pin is brought high. the low-to-high transition of the cs pin must occur during the sck low time immediately after clocking in the d0 (lsb) data bit. the ready/busy status of the device can be determined by initiating a rdsr instruc- tion. if bit 0 = 1, the program cycle is still in progress. if bit 0 = 0, the program cycle has ended. only the rdsr instruction is enabled during the program cycle. a single program instruction programs 1 to 256 consecutive bytes within a page if it is not write protected. the starting byte could be anywhere within the page. when the end of the page is reached, the address will wrap around to the beginning of the same page. if the data to be programmed are less than a full page, the data of all other bytes on the same page will remain unchanged. if more than 256 bytes of data are provided, the address counter will roll over on the same page and the previous data provided will be replaced. the same byte cannot be reprogrammed without erasing the whole sector table 9. wpen operation wpen wp wen protectedblocks unprotectedblocks status register 0 x 0 protected protected protected 0 x 1 protected writable writable 1 low 0 protected protected protected 1 low 1 protected writable protected x high 0 protected protected protected x high 1 protected writable writable
10 AT25F4096 [advance information] 2454d?sflsh?1/05 first. the AT25F4096 will automatically return to the write disable state at the completion of the program cycle. note: if the device is not write enabled (wren), the device will ignore the write instruction and will return to the standby state, when cs is brought high. a new cs falling edge is required to re-initiate the serial communication. sector erase (sector erase): before a byte can be reprogrammed, the sector which contains the byte must be erased. in order to erase the AT25F4096, two separate instructions must be executed. first, the device must be write enabled via the wren instruction. then the sector erase instruction can be executed. the sector erase instruction erases every byte in the selected sector if the sector is not locked out. sector address is automatically determined if any address within the sec- tor is selected. the sector erase instruct ion is internally controlled; it will automatically be timed to completion. during this time, all commands will be ignored, except rdsr instruction. the AT25F4096 will automatically return to the write disable state at the completion of the sector erase cycle. chip erase (chip erase): as an alternative to the sector erase, the chip erase instruction will erase every byte in all sectors that are not locked out. first, the device must be write enabled via the wren instruction. then the chip erase instruc- tion can be executed. the chip erase instruction is internally controlled; it will automatically be timed to completion. the chip erase cycle time typically is 8 sec- onds. during the internal erase cycle, all instructions will be ignored except rdsr. the AT25F4096 will automatically return to the write disable state at the completion of the chip erase cycle. table 10. address key address AT25F4096 a n a 18 - a 0 don?t care bits a 23 - a 19 table 11. sector addresses sector address AT25F4096 sector 000000 to 00ffff sector 1 010000 to 01ffff sector 2 020000 to 02ffff sector 3 030000 to 03ffff sector 4 040000 to 04ffff sector 5 050000 to 05ffff sector 6 060000 to 06ffff sector 7 070000 to 07ffff sector 8
11 AT25F4096 [advance information] 2454d?sflsh?1/05 timing diagrams (for spi mode 0 (0, 0)) figure 3. synchronous data timing figure 4. wren timing figure 5. wrdi timing so v oh v ol hi-z hi-z t v valid in si v ih v il t h t su t dis sck v ih v il t wh t csh cs v ih v il t css t cs t wl t ho
12 AT25F4096 [advance information] 2454d?sflsh?1/05 figure 6. rdsr timing figure 7. wrsr timing figure 8. read timing cs sck 0123456789101112131415 si instruction so 76543210 data out msb high impedance cs si sck high impedance instruction 3-byte address 01234 4 5 5 6 6 7 7 8 9 10 11 28 23 22 21 3 ... 21 321 0 0 29 30 31 32 33 34 35 36 37 38 39 so
13 AT25F4096 [advance information] 2454d?sflsh?1/05 figure 9. program timing figure 10. hold timing figure 11. sector erase timing cs sck si so 3-byte address 1st byte data-in 256th byte data-in instruction high impedance 0123456789101128 23 22 21 3 1 0 6 5 4 3 2 1 0 7 2 29 30 31 32 33 34 2075 2076 2078 2077 2079 so sck hold t cd t hd t hz t lz t cd t hd cs x x = don?t care bit
14 AT25F4096 [advance information] 2454d?sflsh?1/05 figure 12. chip erase timing figure 13. rdid timing x x = don?t care bit 12 13 14 15 16 17 18 19 1 9 x manufacturer code (atmel) 23 cs sck si so 0 1 2 3 4 5 6 7 8 910 11 0 00 0 1 1 1 high impedance 20 21 22 data out 7 65 4 3 21 0 device code
15 AT25F4096 [advance information] 2454d?sflsh?1/05 ordering information ordering code package operation range AT25F4096w-10su-2.7 AT25F4096y4-10yu-2.7 8s2 8y4 lead-free/halogen-free/ industrial temperature (?40 c to 85 c) package type 8s2 8-lead, 0.200" wide, plastic gull wing small outline package (eiaj soic) 8y4 8-lead, 6.00 mm x 4.90 mm body, dual footprint, non-leaded, small array package (sap) options ?2.7 low voltage (2.7v to 3.6v)
16 AT25F4096 [advance information] 2454d?sflsh?1/05 package information 8s2 ? eiaj soic 2 3 25 orch a rd p a rkw a y sa n jo s e, ca 951 3 1 title drawing no. r rev. 8s 2 , 8 -le a d, 0.209" body, pl as tic s m a ll o u tline p a ck a ge (eiaj) 10/7/0 3 8s 2 c common dimen s ion s (unit of me asu re = mm) s ymbol min nom max note note s : 1. thi s dr a wing i s for gener a l inform a tion only; refer to eiaj dr a wing edr-7 3 20 for a ddition a l inform a tion. 2. mi s m a tch of the u pper a nd lower die s a nd re s in bu rr s a re not incl u ded. 3 . it i s recommended th a t u pper a nd lower c a vitie s b e e qua l. if they a re different, the l a rger dimen s ion s h a ll b e reg a rded. 4. determine s the tr u e geometric po s ition. 5. v a l u e s b a nd c a pply to p b / s n s older pl a ted termin a l. the s t a nd a rd thickne ss of the s older l a yer s h a ll b e 0.010 +0.010/ ? 0.005 mm. a 1.70 2.16 a1 0.05 0.25 b 0. 3 5 0.4 8 5 c 0.15 0. 3 5 5 d 5.1 3 5. 3 5 e1 5.1 8 5.40 2, 3 e 7.70 8 .26 l 0.51 0. 8 5 ? 0 8 e 1.27 b s c 4 end view s ide view e b a a1 d e n 1 c e1 ? l top view
17 AT25F4096 [advance information] 2454d?sflsh?1/05 8y4-sap 1150 e. cheyenne mtn. blvd. color a do s pring s , co 8 0 8 17 title drawing no. r rev. 8 y4 , 8 -le a d (6.00 x 4.90 mm body) s oic arr a y p a ck a ge ( s ap) y4 a 8 y4 5/24/04 common dimen s ion s (unit of me asu re = mm) s ymbol min nom max note a ? ? 0.90 a1 0.00 ? 0.05 d 5. 8 0 6.00 6.20 e 4.70 4.90 5.10 d1 2. 8 5 3 .00 3 .15 e1 2. 8 5 3 .00 3 .15 b 0. 3 5 0.40 0.45 e 1.27 typ e1 3 . 8 1 ref l 0.50 0.60 0.70 a e a1 b pin 1 index area d a pin 1 id e1 d1 l e e1
printed on recycled paper. disclaimer: the information in this document is provided in connection wit h atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this docum ent or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no li ability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, conseque ntial, punitive, special or i nciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or co mpleteness of the contents of this document and reserves the ri ght to make changes to specifications and product descriptions at any time without notice. atmel does not make any commitment to update the information contained her ein. atmel?s products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature 2454d?sflsh?1/05 ? atmel corporation 2005 . all rights reserved. atmel ? , logo and combinations thereof, are registered trademarks, and everywhere you are sm is the trademark of atmel corporation or its subsidiari es. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT25F4096

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X